Part Number Hot Search : 
SBL20 BYW81HR SL1026 TC115 63310 BAIR63 B7NB60FD TC74VHCT
Product Description
Full Text Search
 

To Download CSA719 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  pnp silicon planar epitaxial transistors CSA719 csa720 applications af output amplifier and driver absolute maximum rating (t a =25oc ) description symbol CSA719 collector base voltage v cbo 30 collector emitter voltage v ceo 25 emitter base voltage v ebo 5 collector current continuous i c 500 collector current peak i cm 1 collector power dissipation *p c 625 operating and storage junction temperature range t j, t stg *pc=400mw/potting type: pc=400mw electrical characteristics (t a =25oc unless specified otherwise) description symbol test condition min typ max unit collector cut off current i cbo v cb =20v, i e =0 100 na collector base voltage v cbo i c =10 m a, i e =0 CSA719 30 v csa720 60 v collector emitter voltage v ceo i c =1ma, i b =0 CSA719 25 v csa720 50 v emitter base voltage v ebo i e =10 m a, i c =0 5 v dc current gain h fe **i c =150ma, v ce =10v 85 340 i c =500ma, v ce =10v 40 collector emitter saturation voltage v ce (sat) i c =300ma, i b =30ma 0.6 v base emitter saturation voltage v be (sat) i c =300ma, i b =30ma 1.5 v transition frequency f t v ce =10v, i c =50ma 200 mhz collector out put capacitance c ob v cb =10v, i e =0, f=1mhz 15 pf **h fe classification q : 85 - 170 : r : 120 - 240 : s : 170 - 340 : CSA719_720 rev_2 201008e unit v csa720 60 v v 50 ma a mw - 55 to +150 oc e c b continental device india limited data sheet page 1 of 4 to-92 plastic package continental device india limited an iso/ts 16949, iso 9001 and iso 14001 certified company
pin 1: cathode pin 3: anode dim min max dim min max a 4.32 5.33 g 1.14 1.40 b 4.45 5.20 h 1.20 1.80 c 3.18 4.19 k 12.5 d 0.40 0.55 l 1.982 2.082 e 0.30 0.55 m 1.03 1.53 f pin 1 emitter pin 2 pin 3 collector to-92 leaded plastic package all dimensions are in mm 5o continental device india limited data sheet page 2 of 4 to-92 plastic package 2n5551 bc327/a bc328 pnp base to-92 plastic package CSA719 csa720 CSA719_720 rev_2 201008e
all dimensions are in mm to-92 tape and ammo packaging tape specifications all dimensions are in mm continental device india limited data sheet page 3 of 4 CSA719_720 rev_2 201008e to-92 plastic package CSA719 csa 72 0 to-92 plastic package CSA719 csa 72 0
packaging information t & a: tape and ammo pack; t & r: tape and red; bulk: loose in poly bags; tube: tube and ammo pack; k: 1.000 std. packing size l x w x h gross weight size l x w x h gross weight (cm) (kg) (cm) (kg) bulk 1,000 5k 19x19x8 1.10 80k 43x40x35 20.0 t&a 2,000 2k 32x4.5x20 0.70 40k 43x40x35 15.20 component disposal instructions ? 1. cdil semiconductor devices are rohs compliant, customers?are requested to please dispose as per prevailing environmental legislation of their country. 2. in europe, please dispose as per eu directive 2002/96/ec on?waste electrical and?electronic equipment (weee). disclaimer to-92 customer notes inner carton outer carton package/case type packaging type qty qty qty the product information and the selection guides facilitate selection of the cdil's semiconductor device(s) best suited for application in your product(s) as per your requirement. it is recommended that you completely review our data sheet(s) so as to confirm that the device(s) meet functionality parameters for your application. the information furnished in the data sheet and on the cdil web site/cd are believed to be accurate and reliable. cdil however, does not assume responsibility for inaccuracies or incomplete information. furthermore, cdil does not assume liability whatsoever, arising out of the application or use of any cdil product; neither does it convey any license under its patent rights nor rights of others. these products are not designed for use in life saving/support appliances or systems. cdil customers selling these products (either as individual semiconductor devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and cdil will not be responsible for any damages resulting from such sale(s).cdil strives for continuous improvement and reserves the right to change the specifications of its products without prior notice. cdil is a registered trademark of continental device india limited c-120 naraina industrial area, new delhi 110 028, india. telephone + 91-11-2579 6150, 4141 1112 fax + 91-11-2579 5290, 4141 1119 email@cdil.com www.cdilsemi.com continental device india limited data sheet page 4 of 4 bc327/a bc328 pnp to-92 plastic package CSA719 csa 72 0 CSA719_720 rev_2 201008e


▲Up To Search▲   

 
Price & Availability of CSA719

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X